PART |
Description |
Maker |
ASR04PEK ASR04PME ASR04 ASR04PBS ASR04PCH ASR04PJA |
Worldwide Input System Compact type AC Adaptors
|
Mitsumi Electronics, Corp.
|
TSM105CLT TSM105L TSM105 TSM105CD TSM105D |
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
TSM1051CD TSM1051CDT TSM1051CLT TSM105108 |
Constant voltage and constant current controller for battery chargers and adaptors
|
STMicroelectronics
|
MC1494 MC1494P MC1494_D ON0949 |
From old datasheet system LINEAR FOUR-UADRANT LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
|
ONSEMI[ON Semiconductor]
|
1000-020-80/900 1000-005-80/600 1000-025-80/900 10 |
LAGERWELLE LINEAR PRAEZISION D20 L900MM LAGERWELLE LINEAR PRAEZISION D5MM L600MM LAGERWELLE LINEAR PRAEZISION D25 L900MM LAGERWELLE LINEAR PRAEZISION D8MM L600MM LAGERWELLE LINEAR PRAEZISION D16 L600MM LAGERWELLE线性精密D16 L600MM
|
TE Connectivity, Ltd.
|
LA6588M |
Monolithic Linear IC 24V power supply, BTL output linear drive Single-phase Fan Motor IC
|
Sanyo Semicon Device
|
A4405 |
The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver.
|
Allegro MicroSystems
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
IL300-F-X006 IL300-EF-X016 |
Optocoupler DC-IN 1-CH Linear Photovoltaic DC-OUT 8-Pin PDIP-8A Linear Optocoupler, High Gain Stability, Wide Bandwidth
|
Vishay Semiconductors Vishay Siliconix
|
IRU1117-25CD IRUB1117-25 IRUB1117-25CD IRUB1117-25 |
800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 800mA的低压差型正,固2.5V的稳压器 0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package
|
International Rectifier, Corp.
|
MAX1806EUA MAX1806 MAX1806EUA15 MAX1806EUA18 MAX18 |
500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in UMAX 500mA Low-Voltage Linear Regulator in UMAX From old datasheet system 3A Fixed Low Dropout Linear Regulator (LDO)
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|